Part Number Hot Search : 
0505X SM5841HS AQW280SZ ZSLS7025 147X0 SS7519 78L00 AP4435G
Product Description
Full Text Search
 

To Download SPN2302A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPN2302A
N-Channel Enhancement Mode MOSFET
DESCRIPTION The SPN2302A is the N-Channel logic enhancement mode power field effect transistors are produced using high cell density , DMOS trench technology. This high density process is especially tailored to minimize on-state resistance. These devices are particularly suited for low voltage application such as cellular phone and notebook computer power management and other battery powered circuits where high-side switching , and low in-line power loss are needed in a very small outline surface mount package. FEATURES 20V/4.0A,RDS(ON)=75m@VGS=4.5V 20V/3.4A,RDS(ON)=95m@VGS=2.5V 20V/2.8A,RDS(ON)=135m@VGS=1.8V Super high density cell design for extremely low RDS (ON) Exceptional on-resistance and maximum DC current capability SOT-23-3L package design APPLICATIONS Power Management in Note book Portable Equipment Battery Powered System DC/DC Converter Load Switch DSC LCD Display inverter
PIN CONFIGURATION(SOT-23-3L)
PART MARKING
2007/06/25 Ver.1
Page 1
SPN2302A
N-Channel Enhancement Mode MOSFET
PIN DESCRIPTION
Pin
1 2 3
Symbol
G S D
Description
Gate Source Drain
ORDERING INFORMATION Part Number SPN2302AS23RG Week Code : A ~ Z( 1 ~ 26 ) ; a ~ z( 27 ~ 52 ) SPN2302AS23RG : Tape Reel ; Pb - Free Package SOT-23-3L Part Marking 2AYW
ABSOULTE MAXIMUM RATINGS (TA=25 Unless otherwise noted) Parameter Drain-Source Voltage Gate -Source Voltage Continuous Drain Current(TJ=150) Pulsed Drain Current Continuous Source Current(Diode Conduction) Power Dissipation Operating Junction Temperature Storage Temperature Range Thermal Resistance-Junction to Ambient TA=25 TA=70 TA=25 TA=70 Symbol VDSS VGSS ID IDM IS PD TJ TSTG RJA Typical 20 12 Unit
V V A A A W /W
4.0 3.4
10 1.6 1.25 0.8
-55/150 -55/150 105
2007/06/25 Ver.1
Page 2
SPN2302A
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TA=25 Unless otherwise noted)
Parameter Static Drain-Source Breakdown Voltage Gate Threshold Voltage Gate Leakage Current Zero Gate Voltage Drain Current On-State Drain Current Drain-Source On-Resistance Forward Transconductance Diode Forward Voltage Dynamic Total Gate Charge Gate-Source Charge Gate-Drain Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Time Turn-Off Time
Symbol
Conditions
Min.
Typ
Max.
Unit
V(BR)DSS VGS=0V,ID=250uA VGS(th) VDS=VGS,ID=250uA IGSS IDSS ID(on) VDS=0V,VGS=12V VDS=20V,VGS=0V VDS=20V,VGS=0V TJ=55 VDS5V,VGS=4.5V
20 0.4 1.0 100 1 5 6 0.060 0.075 0.105 10 0.8 4.8 1.0 1.0 485 85 40 8 14 18 35 16 0.075 0.095 0.135 1.2 8
V nA uA A S V
VGS=4.5V,ID=4.0A RDS(on) VGS=2.5V,ID=3.4A VGS=1.8V,ID=2.8A gfs VDS=5V,ID=-3.6A VSD Qg Qgs Qgd Ciss Coss Crss td(on) tr td(off) tf VDD=6V,RL=6 ID1.0A,VGEN=4.5V RG=6 VDS=6V,VGS=0V f=1MHz IS=1.6A,VGS=0V
VDS=6V,VGS=4.5V ID2.8A
nC
pF
12 30 12
ns
2007/06/25 Ver.1
Page 3
SPN2302A
N-Channel Enhancement Mode MOSFET
TYPICAL CHARACTERISTICS
2007/06/25 Ver.1
Page 4
SPN2302A
N-Channel Enhancement Mode MOSFET
TYPICAL CHARACTERISTICS
2007/06/25 Ver.1
Page 5
SPN2302A
N-Channel Enhancement Mode MOSFET
TYPICAL CHARACTERISTICS
2007/06/25 Ver.1
Page 6
SPN2302A
N-Channel Enhancement Mode MOSFET
SOT-23-3L PACKAGE OUTLINE
2007/06/25 Ver.1
Page 7
SPN2302A
N-Channel Enhancement Mode MOSFET
Information provided is alleged to be exact and consistent. SYNC Power Corporation presumes no responsibility for the penalties of use of such information or for any violation of patents or other rights of third parties which may result from its use. No license is granted by allegation or otherwise under any patent or patent rights of SYNC Power Corporation. Conditions mentioned in this publication are subject to change without notice. This publication surpasses and replaces all information previously supplied. SYNC Power Corporation products are not authorized for use as critical components in life support devices or systems without express written approval of SYNC Power Corporation. (c)The SYNC Power logo is a registered trademark of SYNC Power Corporation (c)2004 SYNC Power Corporation - Printed in Taiwan - All Rights Reserved SYNC Power Corporation 9F-5, No.3-2, Park Street NanKang District (NKSP), Taipei, Taiwan 115 Phone: 886-2-2655-8178 Fax: 886-2-2655-8468 (c)http://www.syncpower.com
2007/06/25 Ver.1
Page 8


▲Up To Search▲   

 
Price & Availability of SPN2302A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X